Part Number Hot Search : 
T041637 SMAJ20 2N6520 MAX4374 CPC1968 WG24064B 0200CT C1386
Product Description
Full Text Search
 

To Download AQV202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF (High Function) Type [1-Channel (Form A) Type]
PhotoMOS RELAYS
7. Low-level off state leakage current 8. Eliminates the need for a power supply to drive the power MOSFET A power supply used to drive the power MOSFET is unnecessary because of the built-in optoelectronic device. This results in easy circuit design and small PC board area. 9. Low thermal electromotive force (Approx. 1 V)
FEATURES
8.80.05 .346.002 6.40.05 .252.002 3.90.2 .154.008 6.40.05 .252.002 3.60.2 .142.008
8.80.05 .346.002
mm inch
1 2 3 6 5 4 1 2 3 6 5 4
(AQV10 series)
(AQV20 series)
1. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 2. Control with low-level input signals 3. Controls various types of loads such as relays, motors, lamps and solenoids. 4. Optical coupling for extremely high isolation Unlike mechanical relays, the PhotoMOS relay combines LED and optoelectronic device to transfer signals using light for extremely high isolation. 5. Eliminates the need for a counter electromotive force protection diode in the drive circuits on the input side 6. Stable on resistance
TYPICAL APPLICATIONS
* High-speed inspection machines * Telephone equipment * Data communication equipment * Computer
TYPES
1. DC type (AQV10 types)
Part No. Output rating* Through hole terminal Tube packing style AQV101 AQV102 AQV103 AQV104 AQV101A AQV102A AQV103A AQV104A Surface-mount terminal Tape and reel packing style Picked from the Picked from the 1/2/3-pin side 4/5/6-pin side AQV101AX AQV101AZ AQV102AX AQV102AZ AQV103AX AQV103AZ AQV104AX AQV104AZ Packing quantity
Load voltage 40 V 60 V 250 V 400 V
Load current 700 mA 600 mA 300 mA 180 mA
Tube 1 tube contains 50 pcs. 1 batch contains 500 pcs.
Tape and reel
1,000 pcs
*Indicate the peak AC and DC values. Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
2. AC/DC type (AQV20 types)
Part No. Output rating* Through hole terminal Tube packing style AQV201 AQV202 AQV203 AQV204 AQV201A AQV202A AQV203A AQV204A Surface-mount terminal Tape and reel packing style Picked from the Picked from the 1/2/3-pin side 4/5/6-pin side AQV201AX AQV201AZ AQV202AX AQV202AZ AQV203AX AQV203AZ AQV204AX AQV204AZ Packing quantity
Load voltage 40 V 60 V 250 V 400 V
Load current 500 mA 400 mA 200 mA 150 mA
Tube 1 tube contains 50 pcs. 1 batch contains 500 pcs.
Tape and reel
1,000 pcs
*Indicate the peak AC and DC values. Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
184
AQV10r, 20r
RATING
1. DC type (AQV10 types) 1) Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Power dissipation Load voltage (DC) Continuous load current (DC) Output Peak load current Power dissipation Total power dissipation I/O isolation voltage Input Temperature limits Operating Storage Symbol AQV101(A) AQV102(A) AQV103(A) AQV104(A) Remarks IF 50 mA VR 6V IFP 1A f = 100 Hz, Duty factor = 0.1% Pin 150 mW VL 40 V 60 V 250 V 400 V IL 0.7 A 0.6 A 0.3 A 0.18 A 1.8 A 1.5 A 0.6 A 0.5 A 100 ms (1 shot) Ipeak Pout 360 mW PT 410 mW Viso 1,500 V (AC) Non-condensing at low Topr -40C to +85C -40F to +185F temperatures -40C to +100C -40F to +212F Tstg Symbol AQV101(A) AQV102(A) AQV103(A) AQV104(A) Typical Maximum Minimum Typical Typical Maximum Typical On resistance Output Off state leakage current Switching speed Transfer characteristics Turn on time* Turn off time* Maximum Maximum Typical Maximum Typical Maximum Typical Maximum Minimum -- Ton Toff Ciso Riso 0.23 ms 0.07 ms 0.22 ms 1 ms 0.07 ms 0.07 ms 1 ms 1.3 pF 3 pF 0.08 ms Ron IFon IFoff VF 0.3 0.5 2.3 mA 5 mA 0.8 mA 2.2 mA 2.3 V 3V 0.37 0.7 1 A 0.13 ms 0.09 ms 2.7 4 6.3 8 IL = Max. IL = Max. IF = 10 mA IF = 10 mA IL = Max. Within 1 s on time IF = 0, VL = Max. IF = 10 mA IL = Max. IF = 10 mA IL = Max. f = 1 MHz 500 V DC For type of connection, see page 31. Condition
2) Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage
I/O capacitance Initial I/O isolation resistance *Turn on/Turn off time
1,000 M
Note: Recommendable LED forward current IF= 10 mA.
Input
90% Output Ton Toff 10%
185
AQV10r, 20r
2. AC/DC type (AQV20 types) 1) Absolute maximum ratings (Ambient temperature: 25C 77F)
Type of Symbol connec- AQV201(A) AQV202(A) AQV203(A) AQV204(A) Remarks tion LED forward current IF 50 mA LED reverse voltage VR 6V Input Peak forward current IFP 1A f = 100 Hz, Duty factor = 0.1% Power dissipation Pin 150 mW Load voltage (peak AC) VL 40 V 60 V 250 V 400 V A 0.5 A 0.4 A 0.2 A 0.15 A A connection: Peak AC, DC B 0.7 A 0.6 A 0.3 A 0.18 A Continuous load current IL B, C connection: DC Output C 1.0 A 0.8 A 0.4 A 0.25 A A connection 100 ms (1 shot) Peak load current Ipeak 1.8 A 1.5 A 0.6 A 0.5 A VL = DC Power dissipation Pout 360 mW Total power dissipation PT 410 mW I/O isolation voltage Viso 1,500 V AC Non-condensing at low Operating Topr -40C to +85C -40F to +185F Temperature temperature limits Storage Tstg -40C to +100C -40F to +212F Item
2) Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage Typical Maximum Minimum Typical Typical Maximum Typical Maximum Typical On resistance Output Maximum Typical Ron Maximum Off state leakage current Switching speed Transfer characteristics Turn on time* Turn off time* Maximum Typical Maximum Typical Maximum Typical Maximum Minimum -- Ton Toff Ciso Riso -- -- -- -- -- 0.38 ms 0.08 ms 0.41 ms 1 ms 0.08 ms 0.07 ms 1 ms 1.3 pF 3 pF 0.07 ms C Type of Symbol connec- AQV201(A) AQV202(A) AQV203(A) AQV204(A) Remarks tion 2.4 mA IFon -- IL = Max. 5 mA 0.8 mA IFoff -- IL = Max. 2.2 mA 2.3 V VF -- IF = 10 mA 3V IF = 10 mA 0.6 0.74 5.5 12.4 IL = Max. Ron A 1 1.4 8 16 Within 1 s on time IF = 10 mA 0.3 0.37 2.7 6.2 Ron B IL = Max. 0.5 0.7 4 8 Within 1 s on time 0.15 0.25 0.18 0.35 1 A 0.21 ms 0.18 ms 1.4 2 3.1 4 IF = 10 mA IL = Max. Within 1 s on time IF = 0, VL = Max. IF = 10 mA IL = Max. IF = 10 mA IL = Max. f = 1 MHz 500 V DC For type of connection, see page 31.
I/O capacitance Initial I/O isolation resistance *Turn on/Turn off time
1,000 M
Note: Recommendable LED forward current IF= 10 mA.
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 27. s For Schematic and Wiring Diagrams, see Page 31. s For Cautions for Use, see Page 36.
186
AQV10r, 20r
REFERENCE DATA
1.-(1) Load current vs. ambient temperature characteristics (DC type)
Allowable ambient temperature: -40C to +85C -40F to +185F
0.8 0.7 Load current, A 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 8085 100 Ambient temperature, C AQV103(A) AQV104(A) AQV101(A) Load current, A AQV102(A)
1.-(2) Load current vs. ambient temperature characteristics (AC/DC type)
Allowable ambient temperature: -40C to +85C -40F to +185F Type of connection: A
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 AQV203(A) AQV201(A) AQV202(A)
2.-(1) On resistance vs. ambient temperature characteristics (DC type: AQV101, AQV102)
LED current: 10 mA; Continuous load current: Max. (DC)
1.0 On resistance,
0.8 AQV102
0.6
0.4
AQV101
0.2 AQV204(A) 0 20 40 60 8085100 Ambient temperature, C 0 -40 -20 0 20 40 60 8085 Ambient temperature, C
2.-(2) On resistance vs. ambient temperature characteristics (DC type: AQV103, AQV104)
LED current: 10 mA; Continuous load current: Max. (DC)
2.-(3) On resistance vs. ambient temperature characteristics (AC/DC type: AQV201, AQV202)
Measured portion: between terminals 4 and 6; LED current: 10 mA; Continuous load current: Max. (DC)
2.0
2.-(4) On resistance vs. ambient temperature characteristics (AC/DC type: AQV203, AQV204)
Measured portion: between terminals 4 and 6; LED current: 10 mA; Continuous load current: Max. (DC)
20 18 On resistance, 16 14 12 10 8 6 4 2 AQV203 AQV204
10 AQV104 On resistance, On resistance, 8
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 AQV201 AQV202
6
4 AQV103 2
0
-40 -20
0 20 40 60 8085 Ambient temperature, C
0
-40 -20
0 20 40 60 8085 Ambient temperature, C
0
-40 -20
0 20 40 60 8085 Ambient temperature, C
3.-(1) Turn on time vs. ambient temperature characteristics (DC type)
LED current: 10 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.7 Turn on time, ms 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 8085 Ambient temperature, C AQV103 AQV104 AQV102 AQV101
3.-(2) Turn on time vs. ambient temperature characteristics (AC/DC type)
LED current: 10 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.7 Turn on time, ms 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 8085 Ambient temperature, C AQV203 AQV204 AQV202 AQV201
4.-(1) Turn off time vs. ambient temperature characteristics (DC type)
LED current: 10 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.4 Turn off time, ms
0.3
0.2
0.1
AQV101,AQV102 AQV104 AQV103
0
-40 -20
0 20 40 60 8085 Ambient temperature, C
4.-(2) Turn off time vs. ambient temperature characteristics (AC/DC type)
LED current: 10 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.4 Turn off time, ms
5.-(1) LED operate/turn off current vs. ambient temperature characteristics (DC type)
Load voltage: Max. (DC); Continuous load current: Max. (DC)
LED operate/turn off current, mA 5
5.-(2) LED operate/turn off current vs. ambient temperature characteristics (AC/DC type)
Load voltage: Max. (DC); Continuous load current: Max. (DC)
LED operate/turn off current, mA 5
4 AQV104 AQV103 3 AQV101 AQV102
4 AQV204 AQV203 3 AQV202 AQV201
0.3
0.2
2
2
0.1
AQV204 AQV201, AQV202 AQV203 -40 -20 0 20 40 60 8085 Ambient temperature, C
1
1
0
0
-40 -20
0 20 40 60 80 85 Ambient temperature, C
0
-40 -20
0 20 40 60 8085 Ambient temperature, C
187
AQV10r, 20r
6. LED dropout voltage vs. ambient temperature characteristics
Sample: AQV202 LED current: 10 to 50 mA
3.0 LED dropout voltage, V
7.-(1) Voltage vs. current characteristics of output at MOS portion (DC type)
Ambient temperature: 25C 77F
0.7 0.6 0.5 0.4 0.3 0.2 0.1 -1.0 -0.8-0.6-0.4-0.2 Current, A AQV101 AQV102 AQV103 AQV104 0.2 0.4 0.6 0.8 1.0 -0.1 Voltage, V -0.2 -0.3 -0.4 -0.5 -0.6 -0.7
7.-(2) Voltage vs. current characteristics of output at MOS portion (AC/DC type)
Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
0.6 Current, mA 0.5 0.4 0.3 AQV201 AQV202 AQV203 AQV204 0.4 0.8 1.2 1.6 1.8 2.0 -0.1 Voltage, V -0.2 -0.3 -0.4 -0.5 -0.6
50mA 40mA 30mA 20mA 2.5 10mA
0.2 0.1 -2.0 -1.8 -1.6-1.2-0.8 -0.4
2.0 -40 -20 0 20 40 60 8085100 Ambient temperature, C
8. Off state leakage current
Sample: AQV204; Measured portion: between terminals 4 and 6; Ambient temperature: 25C 77F
9.-(1) LED forward current vs. turn on time characteristics (DC type)
Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.6
9.-(2) LED forward current vs. turn on time characteristics (AC/DC type)
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
Off state leakage current, A
10-3 0.5 Turn on time, ms 0.4 0.3 0.2 0.1 AQV102 AQV101 AQV103 AQV104 20 30 40 50 LED forward current, mA Turn on time, ms 1.0 0.8 0.6 0.4 0.2 0 AQV202 AQV201 AQV203 AQV204 20 30 40 50 LED forward current, mA
10-6
10-9
10-12 0
20
40 60 80 Load voltage, V
100
0
10
10
10.-(1) LED forward current vs. turn off time characteristics (DC type)
Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.16
10.-(2) LED forward current vs. turn off time characteristics (AC/DC type)
Measured portion: between terminals 4 and 6; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.16
11.-(1) Applied voltage vs. output capacitance characteristics (DC type)
Frequency: 1 MHz; Ambient temperature: 25C 77F
700 Output capacitance, pF 600 500 400 300 200 100 AQV101,102 AQV103,104
Turn on time, ms
0.12 AQV102 AQV104 AQV101 0.08 AQV103
Turn on time, ms
0.12
AQV204 AQV201 AQV202 AQV203
0.08
0.04
0.04
0
10
20 30 40 50 LED forward current, mA
0
10
20 30 40 50 LED forward current, mA
0
10
20
30 40 50 Applied voltage, V
11.-(2) Applied voltage vs. output capacitance characteristics (AC/DC type)
Measured portion: between terminals 4 and 6; Frequency: 1 MHz; Ambient temperature: 25C 77F
700 Output capacitance, pF 600 500 400 300 200 100 0 10 20 AQV201,202 AQV203,204 30 40 50 Applied voltage, V
5/7/2001 188
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQV202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X